|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS C35A - C35K Pb 35A AUTOMOTIVE CELL DIODE Features Diffused Junction Low Leakage Low Cost High Surge Current Capability Die Size 184 mil HEX D Anode + C E Mechanical Data Case: Cell Diode Passivated with Silicon Rubber Terminal: Copper Disc with Ag Plated Polarity: Indicated by Large Disc On Cathode Side, Add "R" Suffix to Indicate Reverse Polarity, i.e. C35AR Mounting Position: Any Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 2 B C35 Dim Min Max A -- 6.30 B -- 5.46 C 0.75 -- D 1.0 -- E -- 2.2 All Dimensions in mm A Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 150C Symbol VRRM VRWM VR VR(RMS) IO C35A @TA=25C unless otherwise specified C35B C35D C35G C35J C35K Unit 50 100 200 400 600 800 V 35 70 140 35 280 420 560 V A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 80A IFSM 400 A VFM 1.08 V @TA = 25C IRM 3.0 A Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range RJA TJ, TSTG 1.4 -40 to +150 C/W C C35A - C35K 1 of 2 (c) 2006 Won-Top Electronics ORDERING INFORMATION Product No. C35A C35B C35D C35G C35J C35K 1. 2. Package Type 6.2mm Cell Diode 6.2mm Cell Diode 6.2mm Cell Diode 6.2mm Cell Diode 6.2mm Cell Diode 6.2mm Cell Diode Shipping Quantity 5000 Units/Bottle 5000 Units/Bottle 5000 Units/Bottle 5000 Units/Bottle 5000 Units/Bottle 5000 Units/Bottle Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, C35A-LF. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. C35A - C35K 2 of 2 (c) 2006 Won-Top Electronics |
Price & Availability of C35K |